Part Number Hot Search : 
MAX1161 MAX85 DBL1011 9141B 107M0 1N3210 BCPZ1 DBLS156G
Product Description
Full Text Search
 

To Download ACT9200L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tel : +44 118 979 1238 fax : +44 118 979 1283 email : info@actcrystals.com enable output enable output disable output : high impedance 100ps max @ 1.0mhz 25ps max @ 1.0mhz in line with our on g oin g p olic y of p roduct evolvement and im p rovement, the above s p ecification is sub j ect to chan g e without notic e for q uotations or further information p lease contact us at: 3 the business centre, molly millars lane, wokingham, berks, rg41 2ey, uk issue: 8 skr http://www.actcrystals.com date: 1/10/05 start-up time tosc 10ms max period jitter (absolute) tj ageing fa other frequencies - see note 2 below period jitter (one sigma) tj tri-state input voltage no connection vih : 90% of v dd other frequencies - see note 2 below 5ppm 3ppm option first year max @25c output load 5ns (35.00 ~ 99.999 mhz) 2.5ns (100.00 ~200.00 mhz) rise & fall time (max) trtf 10ttl / 15pf (30pf available) vil : 10% of v dd 10ns (1.000 ~ 34.999 mhz) fo temp storage range tstg -55 to +125c 1.000 ~ 200.00 mhz condition please specify parameter symb . specification the act9200 family is a miniature, low profile smd package, with a ceramic base utilising a seam welded metal lid for high reliability and better long-term stability. the metal lid is grounded through the package to assist with emi emission reductions. this 7x5mm device is available as the act9200 in both 3v3 and 5v0 (see act9200 datasheet). a 32.768khz version is available as the 9200wc (see 9200wc data sheet). taped and reeled packaging (1k reels) and loose quantities are available for purchase, to suit high and low volume production. 0.4v dc max (ttl) 10% v dd max (hcmos) 25ma (60.001 ~ 99.999 mhz) 40ma (100.00 ~ 155.00 mhz) 2.5v dc 10% 1.8v dc 10% vol 40/60% (std) & 45/55% available duty cycle please specify please specify please specify 2.4v dc min (ttl) 90% v dd min (hcmos) 40ma (155.01 ~ 200.00 mhz) 10ma (1.000 ~ 34.999 mhz) 8ma (1.000 ~ 34.999 mhz) 20ma (35.000 ~ 60.00 mhz) 15ma (35.000 ~ 60.00 mhz) 30ma (60.001 ~ 99.999 mhz) ACT9200L vdd temp operating range topr supply voltage frequency range specification frequency stability f/fo 15ppm ~ 100ppm n/cl tw/t please specify supply current (max) iop output level ?1? voh 0 ~ +70cstandard to -40 ~ +85c output level ?0? 35ma (100.00 ~ 155.00 mhz) 35ma (155.01 ~ 200.00 mhz) iso9001: 2000 registered please note that all parameters can not necessarily be specified in the same device customer to specify : frequency, frequency stability, operating temperature range, output type, output enable, voltage, duty cy cle applications - microprocessor clock - pda / notebook - wireless applications - audio - gigabit ethernet - fibre channel - instrumentation pad surface material au note 1: to reduce hf power supply noise, an external bypass capacitor of 0.01f close to ground and vdd is recommended. note 2 : typical (max) jitter values in ps: rms(1 sigma) absolute (pk-pk) 25mhz: 6.3 (10) 17.8 (28) 33mhz: 5.2 (10) 14.7 (28) 60mhz: 3.7 (5.0) 10.5 (14.0) 100mhz 1.0 (3.0) 2.8 (8.4)
tel : +44 118 979 1238 fax : +44 118 979 1283 email : info@actcrystals.com in line with our on g oin g p olic y of p roduct evolvement and im p rovement, the above s p ecification is sub j ect to chan g e without notic e for q uotations or further information p lease contact us at: 3 the business centre, molly millars lane, wokingham, berks, rg41 2ey, uk issue: 8 skr http://www.actcrystals.com date: 1/10/05 iso9001: 2000 registered ACT9200L circuit drawings 2 6 0
tel : +44 118 979 1238 fax : +44 118 979 1283 email : info@actcrystals.com in line with our on g oin g p olic y of p roduct evolvement and im p rovement, the above s p ecification is sub j ect to chan g e without notic e for q uotations or further information p lease contact us at: 3 the business centre, molly millars lane, wokingham, berks, rg41 2ey, uk issue: 8 skr http://www.actcrystals.com date: 1/10/05 ACT9200L tape & reel specifications (1k reels ) iso9001: 2000 registered 4.1.0 0.1 2.1.0 0.05 1.5 0.1 2.2 0.1 aa b b 7.5 0.1 16 0.3 1.75 5.4 0.1 0.3 0.05 1.7 0.1 3 max 3.1 max 7.4 0.1 0.3 0.05 1.7 0.1 40 178 2.0 or 330 2.0 21.5 1.0 2.0 0.2 detail 2.1.0 0.5 13 0.5 ? ?23 0.5 80 0.5 68 0.5 ? ? section a-a section b-b ? ? 8.2.0 0.1 dimensions in mm sk4 29/3/04


▲Up To Search▲   

 
Price & Availability of ACT9200L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X